Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 715 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 715 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 711Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 712Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 713Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 714Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 715Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 716Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 717Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 718Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 719Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 715 / 1504 page
background image
Section 14 16-Bit Timer Pulse Unit (TPU)
Rev. 2.00 Sep. 24, 2008 Page 683 of 1468
REJ09B0412-0200
Section 14 16-Bit Timer Pulse Unit (TPU)
This LSI has two on-chip 16-bit timer pulse units (TPU), unit 0 and unit 1, each comprises six
channels. Therefore, this LSI includes twelve channels.
Functions of unit 0 and unit 1 are shown in table 14.1 and table 14.2 respectively. Block diagrams
of unit 0 and unit 1 are shown in figure 14.1 and figure 14.2 respectively.
This section explains unit 0. This explanation is common to unit 1.
14.1
Features
• Maximum 16-pulse input/output
• Selection of eight counter input clocks for each channel
• The following operations can be set for each channel:
 Waveform output at compare match
 Input capture function
 Counter clear operation
 Synchronous operations:
• Multiple timer counters (TCNT) can be written to simultaneously
• Simultaneous clearing by compare match and input capture possible
• Simultaneous input/output for registers possible by counter synchronous operation
• Maximum of 15-phase PWM output possible by combination with synchronous
operation
• Buffer operation settable for channels 0 and 3
• Phase counting mode settable independently for each of channels 1, 2, 4, and 5
• Cascaded operation
• Fast access via internal 16-bit bus
• 26 interrupt sources
• Automatic transfer of register data
• Programmable pulse generator (PPG) output trigger can be generated (unit 0 only)
• Conversion start trigger for the A/D converter can be generated (unit 0 only)
• Module stop state can be set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com