Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 713 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 713 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 709Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 710Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 711Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 712Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 713Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 714Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 715Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 716Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 717Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 713 / 1504 page
background image
Section 13 I/O Ports
Rev. 2.00 Sep. 24, 2008 Page 681 of 1468
REJ09B0412-0200
13.4
Usage Notes
13.4.1
Notes on Input Buffer Control Register (ICR) Setting
1. When the ICR setting is changed, the LSI may malfunction due to an edge occurred internally
according to the pin state. Before changing the ICR setting, fix the pin state high or disable the
input function corresponding to the pin by the on-chip peripheral module settings.
2. If an input is enabled by setting ICR while multiple input functions are assigned to the pin, the
pin state is reflected in all the inputs. Care must be taken for each module settings for unused
input functions.
3. When a pin is used as an output, data to be output from the pin will be latched as the pin state
if the input function corresponding to the pin is enabled. To use the pin as an output, disable
the input function for the pin by setting ICR.
13.4.2
Notes on Port Function Control Register (PFCR) Settings
1. Port function controller controls the I/O port.
Before enabling a port function, select the input/output destination.
2. When changing input pins, this LSI may malfunction due to the internal edge generated by the
pin level difference before and after the change.
• To change input pins, the following procedure must be performed.
A. Disable the input function by the corresponding on-chip peripheral module settings
B. Select another input pin by PFCR
C. Enable its input function by the corresponding on-chip peripheral module settings
3. If a pin function has both a select bit that modifies the input/output destination and an enable
bit that enables the pin function, first specify the input/output destination by the selection bit
and then enable the pin function by the enable bit.
4. Modifying of the PCJKE bit should be done in the initial setting right after activation. Set other
bits after setting the PCJKE bit.
5. Do not change the PCJKE bit setting once it is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com