Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 761 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 761 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 757Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 758Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 759Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 760Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 761Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 762Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 763Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 764Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 765Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 761 / 1504 page
background image
Section 14 16-Bit Timer Pulse Unit (TPU)
Rev. 2.00 Sep. 24, 2008 Page 729 of 1468
REJ09B0412-0200
14.3.9
Timer Synchronous Register (TSYR)
TSYR selects independent operation or synchronous operation for the TCNT counters of channels
0 to 5. A channel performs synchronous operation when the corresponding bit in TSYR is set to 1.
7
0
R/W
6
0
R/W
5
SYNC5
0
R/W
4
SYNC4
0
R/W
3
SYNC3
0
R/W
2
SYNC2
0
R/W
1
SYNC1
0
R/W
0
SYNC0
0
R/W
Bit
Bit Name
Initial Value
R/W
Bit
Bit Name
Initial
value
R/W
Description
7, 6
All 0
R/W
Reserved
The write value should always be 0.
5
4
3
2
1
0
SYNC5
SYNC4
SYNC3
SYNC2
SYNC1
SYNC0
0
0
0
0
0
0
R/W
R/W
R/W
R/W
R/W
R/W
Timer Synchronization 5 to 0
These bits select whether operation is independent of or
synchronized with other channels.
When synchronous operation is selected, synchronous
presetting of multiple channels, and synchronous clearing
through counter clearing on another channel are possible.
To set synchronous operation, the SYNC bits for at least
two channels must be set to 1. To set synchronous
clearing, in addition to the SYNC bit, the TCNT clearing
source must also be set by means of bits CCLR2 to
CCLR0 in TCR.
0: TCNT_5 to TCNT_0 operate independently (TCNT
presetting/clearing is unrelated to other channels)
1: TCNT_5 to TCNT_0 perform synchronous operation
(TCNT synchronous presetting/synchronous clearing
is possible)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com