Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 764 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 764 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 760Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 761Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 762Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 763Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 764Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 765Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 766Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 767Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 768Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 764 / 1504 page
background image
Section 14 16-Bit Timer Pulse Unit (TPU)
Rev. 2.00 Sep. 24, 2008 Page 732 of 1468
REJ09B0412-0200
Figure 14.5 illustrates periodic counter operation.
TCNT value
TGR
H'0000
CST bit
TGF
Time
Counter cleared by TGR
compare match
Flag cleared by software or
DTC activation
Figure 14.5 Periodic Counter Operation
(2)
Waveform Output by Compare Match
The TPU can perform 0, 1, or toggle output from the corresponding output pin using a compare
match.
(a)
Example of setting procedure for waveform output by compare match
Figure 14.6 shows an example of the setting procedure for waveform output by a compare match.
Select waveform output mode
Output selection
Set output timing
Start count
<Waveform output>
[1]
[2]
[3]
[1] Select initial value from 0-output or 1-output,
and compare match output value from 0-output,
1-output, or toggle-output, by means of TIOR.
The set initial value is output on the TIOC pin
until the first compare match occurs.
[2] Set the timing for compare match generation in
TGR.
[3] Set the CST bit in TSTR to 1 to start the count
operation.
Figure 14.6 Example of Setting Procedure for Waveform Output by Compare Match



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com