Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 768 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 768 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 764Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 765Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 766Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 767Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 768Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 769Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 770Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 771Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 772Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 768 / 1504 page
background image
Section 14 16-Bit Timer Pulse Unit (TPU)
Rev. 2.00 Sep. 24, 2008 Page 736 of 1468
REJ09B0412-0200
14.4.2
Synchronous Operation
In synchronous operation, the values in multiple TCNT counters can be rewritten simultaneously
(synchronous presetting). Also, multiple TCNT counters can be cleared simultaneously
(synchronous clearing) by making the appropriate setting in TCR.
Synchronous operation enables TGR to be incremented with respect to a single time base.
Channels 0 to 5 can all be designated for synchronous operation.
(1)
Example of Synchronous Operation Setting Procedure
Figure 14.11 shows an example of the synchronous operation setting procedure.
Synchronous operation
selection
Set TCNT
Synchronous presetting
<Synchronous presetting>
[1]
[2]
Synchronous clearing
Select counter
clearing source
<Counter clearing>
[3]
Start count
[5]
Set synchronous
counter clearing
<Synchronous clearing>
[4]
Start count
[5]
Clearing
source generation
channel?
No
Yes
[1] Set the SYNC bits in TSYR corresponding to the channels to be designated for synchronous operation to 1.
[2] When the TCNT counter of any of the channels designated for synchronous operation is written to, the
same value is simultaneously written to the other TCNT counters.
[3] Use bits CCLR2 to CCLR0 in TCR to specify TCNT clearing by input capture/output compare, etc.
[4] Use bits CCLR2 to CCLR0 in TCR to designate synchronous clearing for the counter clearing source.
[5] Set the CST bits in TSTR for the relevant channels to 1, to start the count operation.
Set synchronous
operation
Figure 14.11 Example of Synchronous Operation Setting Procedure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com