Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 766 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 766 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 762Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 763Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 764Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 765Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 766Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 767Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 768Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 769Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 770Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 766 / 1504 page
background image
Section 14 16-Bit Timer Pulse Unit (TPU)
Rev. 2.00 Sep. 24, 2008 Page 734 of 1468
REJ09B0412-0200
(3)
Input Capture Function
The TCNT value can be transferred to TGR on detection of the TIOC pin input edge.
Rising edge, falling edge, or both edges can be selected as the detection edge. For channels 0, 1, 3,
and 4, it is also possible to specify another channel's counter input clock or compare match signal
as the input capture source.
Note:
When another channel's counter input clock is used as the input capture input for
channels 0 and 3, P
φ/1 should not be selected as the counter input clock used for input
capture input. Input capture will not be generated if P
φ/1 is selected.
(a)
Example of setting procedure for input capture operation
Figure 14.9 shows an example of the setting procedure for input capture operation.
Select input capture input
Input selection
Start count
<Input capture operation>
[1]
[2]
[1] Designate TGR as an input capture register by
means of TIOR, and select the input capture source
and input signal edge (rising edge, falling
edge, or both edges).
[2] Set the CST bit in TSTR to 1 to start the count
operation.
Figure 14.9 Example of Setting Procedure for Input Capture Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com