Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 762 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 762 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 758Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 759Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 760Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 761Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 762Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 763Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 764Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 765Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 766Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 762 / 1504 page
background image
Section 14 16-Bit Timer Pulse Unit (TPU)
Rev. 2.00 Sep. 24, 2008 Page 730 of 1468
REJ09B0412-0200
14.4
Operation
14.4.1
Basic Functions
Each channel has a TCNT and TGR register. TCNT performs up-counting, and is also capable of
free-running operation, periodic counting, and external event counting.
Each TGR can be used as an input capture register or output compare register.
(1)
Counter Operation
When one of bits CST0 to CST5 is set to 1 in TSTR, the TCNT counter for the corresponding
channel starts counting. TCNT can operate as a free-running counter, periodic counter, and so on.
(a)
Example of count operation setting procedure
Figure 14.3 shows an example of the count operation setting procedure.
Select counter clock
Operation selection
Select counter clearing source
Periodic counter
Set period
Start count
<Periodic counter>
[1]
[2]
[4]
[3]
[5]
Free-running counter
Start count
<Free-running counter>
[5]
[1]
[2]
[3]
[4]
[5]
Select output compare register
Select the counter clock with bits
TPSC2 to TPSC0 in TCR. At the
same time, select the input clock edge
with bits CKEG1 and CKEG0 in TCR.
For periodic counter operation, select
the TGR to be used as the TCNT
clearing source with bits CCLR2 to
CCLR0 in TCR.
Designate the TGR selected in [2] as
an output compare register by means
of TIOR.
Set the periodic counter cycle in the
TGR selected in [2].
Set the CST bit in TSTR to 1 to start
the counter operation.
Figure 14.3 Example of Counter Operation Setting Procedure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com