Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 1058 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 1058 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 1054Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1055Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1056Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1057Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1058Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1059Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1060Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1061Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1062Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1058 / 1504 page
background image
Section 20 USB Function Module (USB)
Rev. 2.00 Sep. 24, 2008 Page 1026 of 1468
REJ09B0412-0200
20.8
DMA Transfer
20.8.1
Overview
DMA transfer can be performed for endpoints 1 and 2 in this module. Note that word or longword
data cannot be transferred.
When endpoint 1 holds at least one byte of valid receive data, a DMA request for endpoint 1 is
generated. When endpoint 2 holds no valid data, a DMA request for endpoint 2 is generated.
If the DMA transfer is enabled by setting the EP1DMAE bit in the DMA transfer setting register
to 1, zero-length data reception at endpoint 1 is ignored. When the DMA transfer is enabled, the
RDFN bit for EP1 and PKTE bit for EP2 do not need to be set to 1 in TRG (note that the PKTE bit
must be set to 1 when the transfer data is less than the maximum number of bytes). When all the
data received at EP1 is read, the FIFO automatically enters the EMPTY state. When the maximum
number of bytes (64 bytes) are written to the EP2 FIFO, the FIFO automatically enters the FULL
state, and the data in the FIFO can be transmitted (see figures 20.22 and 20.23).
20.8.2
DMA Transfer for Endpoint 1
When the data received at EP1 is transferred by the DMA, the USB function module automatically
performs the same processing as writing 1 to the RDFN bit in TRG if the currently selected FIFO
becomes empty. Accordingly, in DMA transfer, do not write 1 to the RDFN bit for EPI in TRG. If
the user writes 1 to the RDFN bit in DMA transfer, correct operation cannot be guaranteed.
Figure 20.22 shows an example of receiving 150 bytes of data from the host. In this case, internal
processing which is the same as writing 1 to the RDFN bit in TRG is automatically performed
three times. This internal processing is performed when the currently selected data FIFO becomes
empty. Accordingly, this processing is automatically performed both when 64-byte data is sent
and when data less than 64 bytes is sent.
RDFN
(Automatically
performed)
RDFN
(Automatically
performed)
RDFN
(Automatically
performed)
64 bytes
64 bytes
22 bytes
Figure 20.22 RDFN Bit Operation for EP1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com