Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 1061 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 1061 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 1057Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1058Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1059Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1060Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1061Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1062Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1063Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1064Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1065Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1061 / 1504 page
background image
Section 20 USB Function Module (USB)
Rev. 2.00 Sep. 24, 2008 Page 1029 of 1468
REJ09B0412-0200
Notes:
1.
2.
To protect this LSI from being damaged, use the IC (such as HD74LV-A Series) which can
be applied voltage even when the system power is turned off.
Prevent noise from the VBUS pin while the USB is performing communication.
Vcc
VBUS
(5 V)
Vcc
(3.3 V)
DrVcc
(3.3 V)
USD+
D+
VBUS*2
PM4
Vcc
*1
Vcc
*1
USD-
DrVss
Vss
GND
D-
USB connector
On-chip transceiver
External pull-up
control circuit
supporting full-speed
PULLUP_E
USB
1.5 k
Ω
Figure 20.25 Example of Circuitry in Self Power Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com