Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 1063 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 1063 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 1059Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1060Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1061Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1062Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1063Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1064Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1065Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1066Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1067Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1063 / 1504 page
background image
Section 20 USB Function Module (USB)
Rev. 2.00 Sep. 24, 2008 Page 1031 of 1468
REJ09B0412-0200
20.10.4
Assigning Interrupt Sources to EP0
The EP0-related interrupt sources indicated by the interrupt source bits (bits 0 to 3) in IFR0 must
be assigned to the same interrupt signal with ISR0. The other interrupt sources have no limitations.
20.10.5
Clearing the FIFO When DMA Transfer is Enabled
The endpoint 1 data register (EPDR1) cannot be cleared when DMA transfer for endpoint 1 is
enabled (EP1 DMAE in DMAR = 1). Cancel DMA transfer before clearing the register.
20.10.6
Notes on TR Interrupt
Note the following when using the transfer request interrupt (TR interrupt) for IN transfer to EP0i,
EP2, or EP3.
The TR interrupt flag is set if the FIFO for the target EP has no data when the IN token is sent
from the USB host. However, at the timing shown in figure 20.26, multiple TR interrupts occur
successively. Take appropriate measures against malfunction in such a case.
Note:
This module determines whether to return NAKC if the FIFO of the target EP has no data
when receiving the IN token, but the TR interrupt flag is set after a NAKC handshake is
sent. If the next IN token is sent before PKTE of TRG is written to, the TR interrupt flag is
set again.
CPU
Host
IN token
IN token
IN token
Sets TR flag
(Sets the flag again)
Sets TR flag
Determines whether
to return NACK
Transmits data
TR interrupt routine
Clear
TR flag
Writes
transmit data
TRG.
PKTE
TR interrupt routine
USB
NACK
Determines whether
to return NACK
NACK
ACK
Figure 20.26 TR Interrupt Flag Set Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com