Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 1062 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 1062 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 1058Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1059Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1060Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1061Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1062Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1063Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1064Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1065Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1066Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1062 / 1504 page
background image
Section 20 USB Function Module (USB)
Rev. 2.00 Sep. 24, 2008 Page 1030 of 1468
REJ09B0412-0200
20.10
Usage Notes
20.10.1
Receiving Setup Data
Note the following for EPDR0s that receives 8-byte setup data:
1. As a latest setup command must be received in high priority, the write from the USB bus takes
priority over the read from the CPU. If the next setup command reception is started while the
CPU is reading data after the data is received, the read from the CPU is forcibly terminated.
Therefore, the data read after reception is started becomes invalid.
2. EPDR0s must always be read in 8-byte units. If the read is terminated at a midpoint, the data
received at the next setup cannot be read correctly.
20.10.2
Clearing the FIFO
If a USB cable is disconnected during data transfer, the data being received or transmitted may
remain in the FIFO. When disconnecting a USB cable, clear the FIFO.
While a FIFO is transferring data, it must not be cleared.
20.10.3
Overreading and Overwriting the Data Registers
Note the following when reading or writing to a data register of this module.
(1)
Receive data registers
The receive data registers must not be read exceeding the valid amount of receive data, that is, the
number of bytes indicated by the receive data size register. Even for EPDR1 which has double
FIFO buffers, the maximum data to be read at one time is 64 bytes. After the data is read from the
current valid FIFO buffer, be sure to write 1 to EP1RDFN in TRG, which switches the valid
buffer, updates the receive data size to the new number of bytes, and enables the next data to be
received.
(2)
Transmit data registers
The transmit data registers must not be written to exceeding the maximum packet size. Even for
EPDR2 which has double FIFO buffers, write data within the maximum packet size at one time.
After the data is written, write 1 to PKTE in TRG to switch the valid buffer and enable the next
data to be written. Data must not be continuously written to the two FIFO buffers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com