Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 1070 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 1070 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 1066Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1067Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1068Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1069Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1070Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1071Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1072Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1073Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1074Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1070 / 1504 page
background image
Section 21 I
2C Bus Interface 2 (IIC2)
Rev. 2.00 Sep. 24, 2008 Page 1038 of 1468
REJ09B0412-0200
Table 21.2
Transfer Rate
Bit 3
Bit 2
Bit 1
Bit 0
Transfer Rate
CKS3
CKS2
CKS1
CKS0
Clock
P
φ =
8 MHz
P
φ =
10 MHz
P
φ =
20 MHz
P
φ =
25 MHz
P
φ =
33 MHz
P
φ =
35 MHz
0
0
0
0
P
φ/28
286 kHz
357 kHz
714 kHz
893 kHz
1179 kHz 1250 kHz
1
P
φ/40
200 kHz
250 kHz
500 kHz
625 kHz
825 kHz
875 kHz
1
0
P
φ/48
167 kHz
208 kHz
417 kHz
521 kHz
688 kHz
729 kHz
1
P
φ/64
125 kHz
156 kHz
313 kHz
391 kHz
516 kHz
546 kHz
1
0
0
P
φ/168
47.6 kHz 59.5 kHz 119 kHz
149 kHz
196 kHz
208 kHz
1
P
φ/100
80.0 kHz 100 kHz
200 kHz
250 kHz
330 kHz
350 kHz
1
0
P
φ/112
71.4 kHz 89.3 kHz 179 kHz
223 kHz
295 kHz
312 kHz
1
P
φ/128
62.5 kHz 78.1 kHz 156 kHz
195 kHz
258 kHz
273 kHz
1
0
0
0
P
φ/56
143 kHz
179 kHz
357 kHz
446 kHz
589 kHz
625 kHz
1
P
φ/80
100 kHz
125 kHz
250 kHz
313 kHz
413 kHz
437 kHz
1
0
P
φ/96
83.3 kHz 104 kHz
208 kHz
260 kHz
344 kHz
364 kHz
1
P
φ/128
62.5 kHz 78.1 kHz 156 kHz
195 kHz
258 kHz
273 kHz
1
0
0
P
φ/336
23.8 kHz 29.8 kHz 59.5 kHz 74.4 kHz 98.2 kHz 104 kHz
1
P
φ/200
40.0 kHz 50.0 kHz 100 kHz
125 kHz
165 kHz
175 kHz
1
0
P
φ/224
35.7 kHz 44.6 kHz 89.3 kHz 112 kHz
147 kHz
156 kHz
1
P
φ/256
31.3 kHz 39.1 kHz 78.1 kHz 97.7 kHz 129 kHz
136 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com