Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 1072 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 1072 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 1068Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1069Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1070Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1071Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1072Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1073Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1074Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1075Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1076Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1072 / 1504 page
background image
Section 21 I
2C Bus Interface 2 (IIC2)
Rev. 2.00 Sep. 24, 2008 Page 1040 of 1468
REJ09B0412-0200
Bit
Bit Name
Initial
Value
R/W
Description
3
SCLO
1
R
This bit monitors the SCL output level.
When reading and SCLO is 1, the SCL pin outputs a
high level. When reading and SCLO is 0, the SCL pin
outputs a low level.
2
1
Reserved
This bit is always read as 1.
1
IICRST
0
R/W
IIC Control Module Reset
This bit reset the IIC control module except the I
2C
registers. If hang-up occurs because of communication
failure during I
2C operation, by setting this bit to 1, the
I
2C control module can be reset without initializing the
registers.
0
1
Reserved
This bit is always read as 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com