Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 1074 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 1074 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 1070Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1071Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1072Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1073Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1074Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1075Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1076Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1077Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1078Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1074 / 1504 page
background image
Section 21 I
2C Bus Interface 2 (IIC2)
Rev. 2.00 Sep. 24, 2008 Page 1042 of 1468
REJ09B0412-0200
Bit
Bit Name
Initial
Value
R/W
Description
2
1
0
BC2
BC1
BC0
0
0
0
R/W
R/W
R/W
Bit Counter 2 to 0
These bits specify the number of bits to be transferred
next. The settings of these bits should be made during
intervals between transfer frames. When setting these
bits to a value other than 000, the setting should be
made while the SCL line is low. The value return to 000
automatically at the end of a data transfer including the
acknowledge bit.
000: 9
001: 2
010: 3
011: 4
100: 5
101: 6
110: 7
111: 8
21.3.4
I
2C Bus Interrupt Enable Register (ICIER)
ICIER enables or disables interrupt sources and the acknowledge bits, sets the acknowledge bits to
be transferred, and confirms the acknowledge bit to be received.
Bit
Bit Name
Initial Value
R/W
7
TIE
0
R/W
6
TEIE
0
R/W
5
RIE
0
R/W
4
NAKIE
0
R/W
3
STIE
0
R/W
2
ACKE
0
R/W
1
ACKBR
0
R
0
ACKBT
0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com