Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 1183 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 1183 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 1179Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1180Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1181Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1182Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1183Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1184Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1185Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1186Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1187Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1183 / 1504 page
background image
Section 25 Flash Memory
Rev. 2.00 Sep. 24, 2008 Page 1151 of 1468
REJ09B0412-0200
 The return value is set in the DPFR parameter.
 After the on-chip program storage area is returned to the user-MAT space, the procedure
program is resumed. After that, VBR can be set again.
 The values of general registers of the CPU are held.
 During download, no interrupts can be accepted. However, since the interrupt requests are
held, when the procedure program is resumed, the interrupts are requested.
 To hold a level-detection interrupt request, the interrupt must continue to be input until the
download is completed.
 Allocate a stack area of 128 bytes at the maximum in the on-chip RAM before setting the
SCO bit to 1.
 If access to the flash memory is requested by the DMAC or DTC during download, the
operation cannot be guaranteed. Make sure that an access request by the DMAC or DTC is
not generated.
4. FKEY is cleared to H'00 for protection.
5. The download result must be confirmed by the value of the DPFR parameter. Check the value
of the DPFR parameter (one byte of start address of the download destination specified by
FTDAR). If the value of the DPFR parameter is H'00, download has been performed normally.
If the value is not H'00, the source that caused download to fail can be investigated by the
description below.
 If the value of the DPFR parameter is the same as that before downloading, the setting of
the start address of the download destination in FTDAR may be abnormal. In this case,
confirm the setting of the TDER bit in FTDAR.
 If the value of the DPFR parameter is different from that before downloading, check the SS
bit or FK bit in the DPFR parameter to confirm the download program selection and FKEY
setting, respectively.
6. The operating frequency of the CPU is set in the FPEFEQ parameter for initialization. The
settable operating frequency of the FPEFEQ parameter ranges from 8 to 50 MHz. When the
frequency is set otherwise, an error is returned to the FPFR parameter of the initialization
program and initialization is not performed. For details on setting the frequency, see section
25.7.2, (4) Flash Program/Erase Frequency Parameter (FPEFEQ: General Register ER0 of
CPU).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com