Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 1187 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 1187 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 1183Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1184Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1185Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1186Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1187Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1188Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1189Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1190Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1191Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1187 / 1504 page
background image
Section 25 Flash Memory
Rev. 2.00 Sep. 24, 2008 Page 1155 of 1468
REJ09B0412-0200
The procedure program must be executed in an area other than the user MAT to be erased. Setting
the SCO bit in FCCS to 1 to request download must be executed in the on-chip RAM. The area
that can be executed in the steps of the procedure program (on-chip RAM, user MAT, and external
space) is shown in section 25.8.5, On-Chip Program and Storable Area for Program Data. For the
downloaded on-chip program area, see figure 25.12.
One erasure processing erases one block. For details on block divisions, refer to figure 25.4. To
erase two or more blocks, update the erase block number and repeat the erasing processing for
each block.
1. Select the on-chip program to be downloaded and the download destination. When the EPVB
bit in FECS is set to 1, the programming program is selected. Several programming/erasing
programs cannot be selected at one time. If several programs are selected, a download error is
returned to the SS bit in the DPFR parameter. The on-chip RAM start address of the download
destination is specified by FTDAR.
For the procedures to be carried out after setting FKEY, see section 25.8.3 (2), Programming
Procedure in User Program Mode.
2. Set the FEBS parameter necessary for erasure. Set the erase block number (FEBS parameter)
of the user MAT in general register ER0. If a value other than an erase block number of the
user MAT is set, no block is erased even though the erasing program is executed, and an error
is returned to the FPFR parameter.
3. Erasure is executed. Similar to as in programming, the entry point of the erasing program is at
the address which is 16 bytes after #DLTOP (start address of the download destination
specified by FTDAR). Call the subroutine to execute erasure by using the following steps.
MOV.L #DLTOP+16, ER2
; Set entry address to ER2
JSR
@ER2
; Call erasing routine
NOP
•
The general registers other than ER0 and ER1 are held in the erasing program.
•
R0L is a return value of the FPFR parameter.
•
Since the stack area is used in the erasing program, a stack area of 128 bytes at the
maximum must be allocated in RAM.
4. The return value in the erasing program, the FPFR parameter is determined.
5. Determine whether erasure of the necessary blocks has finished. If more than one block is to
be erased, update the FEBS parameter and repeat steps 2 to 5.
6. After erasure completes, clear FKEY and specify software protection. If this LSI is restarted by
a reset immediately after erasure has finished, secure the reset input period (period of
RES = 0)
of at least 100
µs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com