Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 1184 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 1184 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 1180Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1181Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1182Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1183Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1184Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1185Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1186Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1187Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1188Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1184 / 1504 page
background image
Section 25 Flash Memory
Rev. 2.00 Sep. 24, 2008 Page 1152 of 1468
REJ09B0412-0200
7. Initialization is executed. The initialization program is downloaded together with the
programming program to the on-chip RAM. The entry point of the initialization program is at
the address which is 32 bytes after #DLTOP (start address of the download destination
specified by FTDAR). Call the subroutine to execute initialization by using the following
steps.
MOV.L #DLTOP+32,ER2
; Set entry address to ER2
JSR
@ER2
; Call initialization routine
NOP
 The general registers other than ER0 and ER1 are held in the initialization program.
 R0L is a return value of the FPFR parameter.
 Since the stack area is used in the initialization program, a stack area of 128 bytes at the
maximum must be allocated in RAM.
 Interrupts can be accepted during execution of the initialization program. Make sure the
program storage area and stack area in the on-chip RAM and register values are not
overwritten.
8. The return value in the initialization program, the FPFR parameter is determined.
9. All interrupts and the use of a bus master other than the CPU are disabled during
programming/erasure. The specified voltage is applied for the specified time when
programming or erasing. If interrupts occur or the bus mastership is moved to other than the
CPU during programming/erasure, causing a voltage exceeding the specifications to be
applied, the flash memory may be damaged. Therefore, interrupts are disabled by setting bit 7
(I bit) in the condition code register (CCR) to B'1 in interrupt control mode 0 and by setting
bits 2 to 0 (I2 to I0 bits) in the extend register (EXR) to B'111 in interrupt control mode 2.
Accordingly, interrupts other than NMI are held and not executed. Configure the user system
so that NMI interrupts do not occur. The interrupts that are held must be executed after all
programming completes. When the bus mastership is moved to other than the CPU, such as to
the DMAC or DTC, the error protection state is entered. Therefore, make sure the DMAC does
not acquire the bus.
10. FKEY must be set to H'5A and the user MAT must be prepared for programming.
11. The parameters required for programming are set. The start address of the programming
destination on the user MAT (FMPAR parameter) is set in general register ER1. The start
address of the program data storage area (FMPDR parameter) is set in general register ER0.
 Example of FMPAR parameter setting: When an address other than one in the user MAT
area is specified for the start address of the programming destination, even if the
programming program is executed, programming is not executed and an error is returned to
the FPFR parameter. Since the program data for one programming operation is 128 bytes,
the lower eight bits of the address must be H'00 or H'80 to be aligned with the 128-byte
boundary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com