Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 1268 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 1268 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 1264Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1265Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1266Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1267Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1268Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1269Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1270Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1271Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1272Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1268 / 1504 page
background image
Section 28 Power-Down Modes
Rev. 2.00 Sep. 24, 2008 Page 1236 of 1468
REJ09B0412-0200
Table 28.1
States of Operation
State of
Operation
Sleep Mode
All-Module-
Clock-Stop
Mode
Software
Standby Mode
Deep
Software
Standby
Mode
Hardware
Standby
Mode
Transition
condition
Control register
+ instruction
Control register
+ instruction
Control register
+ instruction
Control
register +
instruction
Pin input
Cancellation
method
Interrupt
Interrupt*
2
Interrupt*
8
Interrupt*
8
Oscillator
Operating
Operating
Stopped
Stopped
Stopped
Subclock
oscillator
Operating*
9
Operating*
9
Operating*
9
Operating*
9
Stopped
CPU
Stopped
(retained)
Stopped
(retained)
Stopped
(retained)
Stopped
(undefined)
Stopped
(undefined)
On-chip RAMs
6 to 4
(H'FEE000 to
H'FF3FFF)
Operating
(retained)
Stopped
(retained)
Stopped
(retained)
Stopped
(undefined)
Stopped
(undefined)
On-chip RAMs
3 to 0
(H'FF4000 to
H'FFBFFF)
Operating
(retained)
Stopped
(retained)
Stopped
(retained)
Stopped
(retained/
undefined)*
5
Stopped
(undefined)
Universal Serial
Bus interface
Operating
Stopped
(retained)
Stopped
(retained)
Stopped
(retained/
undefined)*
5
Stopped
(undefined)
Watchdog timer Operating
Operating
Stopped
(retained)
Stopped
(undefined)
Stopped
(undefined)
8-bit timer
(unit 0/1)
Operating
Operating*
4
Stopped
(retained)
Stopped
(undefined)
Stopped
(undefined)
32K timer
Operating
Operating
Operating
Operating
Stopped
Voltage
detection
circuit*
10
Operating
Operating
Operating
Operating
Stopped
Power-on reset
circuit*
10
Operating
Operating
Operating
Operating
Stopped
Other
peripheral
modules
Operating
Stopped*
1
Stopped*
1
Stopped*
7
(undefined)
Stopped*
3
(undefined)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com