Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 1271 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 1271 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 1267Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1268Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1269Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1270Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1271Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1272Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1273Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1274Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1275Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1271 / 1504 page
background image
Section 28 Power-Down Modes
Rev. 2.00 Sep. 24, 2008 Page 1239 of 1468
REJ09B0412-0200
28.2
Register Descriptions
The registers related to the power-down modes are shown below. For details on the system clock
control register (SCKCR), refer to section 27.1.1, System Clock Control Register (SCKCR).
• Standby control register (SBYCR)
• Module stop control register A (MSTPCRA)
• Module stop control register B (MSTPCRB)
• Module stop control register C (MSTPCRC)
• Deep standby control register (DPSBYCR)
• Deep standby wait control register (DPSWCR)
• Deep standby interrupt enable register (DPSIER)
• Deep standby interrupt flag register (DPSIFR)
• Deep standby interrupt edge register (DPSIEGR)
• Reset status register (RSTSR)
• Deep standby backup register n (DPSBKRn) (n=15 to 0)
28.2.1
Standby Control Register (SBYCR)
SBYCR controls software standby mode.
Bit
Bit name
Initial value:
R/W:
Bit
Bit name
Initial value:
R/W:
15
SSBY
0
R/W
14
OPE
1
R/W
13
0
R/W
12
STS4
0
R/W
11
STS3
1
R/W
10
STS2
1
R/W
9
STS1
1
R/W
8
STS0
1
R/W
7
SLPIE
0
R/W
6
0
R/W
5
0
R/W
4
0
R/W
3
0
R/W
2
0
R/W
1
0
R/W
0
0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com