Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 1273 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 1273 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 1269Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1270Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1271Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1272Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1273Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1274Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1275Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1276Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1277Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1273 / 1504 page
background image
Section 28 Power-Down Modes
Rev. 2.00 Sep. 24, 2008 Page 1241 of 1468
REJ09B0412-0200
Bit
Bit Name
Initial
Value
R/W
Description
12
11
10
9
8
STS4
STS3
STS2
STS1
STS0
0
1
1
1
1
R/W
R/W
R/W
R/W
R/W
Standby Timer Select 4 to 0
These bits select the time the MCU waits for the clock to
settle when software standby mode is cleared by an
interrupt or when a transition is made from subclock
operation to main clock operation. With a crystal
resonator, refer to table 28.2 and make a selection
according to the operating frequency so that the standby
time is at least equal to the oscillation settling time. With
an external clock, a PLL circuit settling time is necessary.
Refer to table 28.2 to set the standby time.
While oscillation is being settled, the timer is counted on
the P
φ clock frequency. Careful consideration is required
in multi-clock mode.
00000: Reserved
00001: Reserved
00010: Reserved
00011: Reserved
00100: Reserved
00101: Standby time = 64 states
00110: Standby time = 512 states
00111: Standby time = 1024 states
01000: Standby time = 2048 states
01001: Standby time = 4096 states
01010: Standby time = 16384 states
01011: Standby time = 32768 states
01100: Standby time = 65536 states
01101: Standby time = 131072 states
01110: Standby time = 262144 states
01111: Standby time = 524288 states
1xxxx: Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com