Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 1272 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 1272 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 1268Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1269Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1270Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1271Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1272Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1273Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1274Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1275Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1276Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1272 / 1504 page
background image
Section 28 Power-Down Modes
Rev. 2.00 Sep. 24, 2008 Page 1240 of 1468
REJ09B0412-0200
Bit
Bit Name
Initial
Value
R/W
Description
15
SSBY
0
R/W
Software Standby
Specifies the transition mode after executing the SLEEP
instruction
0: Shifts to sleep mode after the SLEEP instruction is
executed
1: Shifts to software standby mode after the SLEEP
instruction is executed
This bit does not change when clearing the software
standby mode by using interrupts and shifting to normal
operation. For clearing, write 0 to this bit. When the WDT
is used in watchdog timer mode, the setting of this bit is
disabled. In this case, a transition is always made to
sleep mode or all-module-clock-stop mode after the
SLEEP instruction is executed. When the SLPIE bit is set
to 1, this bit should be cleared to 0.
14
OPE
1
R/W
Output Port Enable
Specifies whether the output of the address bus and bus
control signals (
CS0 to CS7, AS, RD, HWR, and LWR) is
retained or these lines are set to the high-Z state in
software standby mode or deep software standby mode.
0: In software standby mode or deep software standby
mode, address bus and bus control signal lines are
high-impedance.
1: In software standby mode or deep software standby
mode, output states of address bus and bus control
signals are retained.
13
0
R/W
Reserved
This bit is always read as 0. The write value should
always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com