Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 1307 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 1307 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 1303Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1304Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1305Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1306Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1307Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1308Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1309Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1310Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1311Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1307 / 1504 page
background image
Section 28 Power-Down Modes
Rev. 2.00 Sep. 24, 2008 Page 1275 of 1468
REJ09B0412-0200
(2)
Deep Software Standby Mode in External Extended Mode (IOKEEP = 1)
Figure 28.5 shows an example of operations in deep standby mode when the IOKEEP and OPE
bits are set to 1 in external extended mode.
In this example, deep software standby mode is entered with the IOKEEP and OPE bits set to 1,
and then exited at the rising edge of the NMI pin. In external expansion mode, while the IOKEEP
bit is set to 1, retention of the states of pins for the address bus, bus-control signals (
CS0, AS, RD,
HWR, and LWR), data bus is released after the oscillation settling time has elapsed. For other
pins, including the B
φ output pin, retention is released when the IOKEEP bit is cleared to 0, and
then they are set according to the I/O port or peripheral module settings.
Oscillator
I
φ
NMI
SLEEP
instruction
Deep software standby mode
(power-down mode)
Program
execution state
Program
execution state
Reset
exception
handling
Oscillation
settling time
Internal reset
Operated
Retained
Address
Retained
Bus control
Retained
Data
B
φ
Retained
PSTOP1
set
PSTOP1
cleared
IOKEEP cleared
Retained
I/O other than
above
Started from h'00000
Operated
Operated
Operated
Operated
Operated
Figure 28.5 Example of Deep Software Standby Mode Operation in
External Extended Mode (IOKEEP = OPE = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com