Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 1309 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 1309 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 1305Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1306Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1307Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1308Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1309Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1310Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1311Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1312Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1313Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1309 / 1504 page
background image
Section 28 Power-Down Modes
Rev. 2.00 Sep. 24, 2008 Page 1277 of 1468
REJ09B0412-0200
28.8.7
Flowchart of Deep Software Standby Mode Operation
Figure 28.7 shows an example of flowchart of deep software standby mode operation. In this
example, reading the DPSRSTF bit determines whether a reset was generated by the
RES pin or
exit from deep software standby mode, after the reset exception handling was performed.
When a reset was caused by the
RES pin, deep software standby mode is entered after required
register settings.
When a reset was caused by exit from deep software standby mode, the IOKEEP bit is cleared
after the I/O ports setting. When the IOKEEP bit is cleared, the setting to avoid instability in B
φ
output is also set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com