Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 1311 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 1311 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 1307Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1308Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1309Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1310Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1311Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1312Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1313Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1314Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1315Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1311 / 1504 page
background image
Section 28 Power-Down Modes
Rev. 2.00 Sep. 24, 2008 Page 1279 of 1468
REJ09B0412-0200
28.9
Hardware Standby Mode
28.9.1
Transition to Hardware Standby Mode
When the
STBY pin is driven low, a transition is made to hardware standby mode from any mode.
In hardware standby mode, all functions enter the reset state and stop operation, resulting in a
significant reduction in power consumption. Data in the on-chip RAM is not retained because the
internal power supply to the on-chip RAM stops. I/O ports are set to the high-impedance state.
Do not change the states of mode pins (MD3 to MD0) while this LSI is in hardware standby mode.
28.9.2
Clearing Hardware Standby Mode
Hardware standby mode is cleared by means of the
STBY pin and the RES pin. When the STBY
pin is driven high while the
RES pin is low, the reset state is entered and clock oscillation is
started. Ensure that the
RES pin is held low until clock oscillation settles (for details on the
oscillation settling time, refer to table 28.2). When the
RES pin is subsequently driven high, a
transition is made to the program execution state via the reset exception handling state.
28.9.3
Hardware Standby Mode Timing
Figure 28.8 shows an example of hardware standby mode timing.
When the
STBY pin is driven low after the RES pin has been driven low, a transition is made to
hardware standby mode. Hardware standby mode is cleared by driving the
STBY pin high,
waiting for the oscillation settling time, then changing the
RES pin from low to high.
Oscillator
RES
STBY
Oscillation
settling time
Reset exception
handling
Figure 28.8 Hardware Standby Mode Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com