Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 1489 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 1489 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 1485Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1486Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1487Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1488Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1489Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1490Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1491Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1492Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1493Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1489 / 1504 page
background image
Main Revisions and Additions in this Edition
Rev. 2.00 Sep. 24, 2008 Page 1457 of 1468
REJ09B0412-0200
Item
Page
Revision (See Manual for Details)
28.2.6 Deep Standby
Interrupt Enable Register
(DPSIER)
1252
Added
Bit 4
Added due to the addition of the LVD.
28.2.7 Deep Standby
Interrupt Flag Register
(DPSIFR)
1254
Replaced
Bit 4
Replaced due to the addition of the LVD.
28.2.9 Reset Status Register
(RSTSR)
1257
Added
•
H8SX1668R Group
•
H8SX1668M Group
Added due to the addition of the LVD.
28.5.2 Exit from Sleep Mode
1260,
1261
Replaced
Replaced due to the addition of the LVD and power-on
reset.
28.6 All-Module-Clock-Stop
Mode
1261
Replaced
Replaced due to the addition of the LVD.
28.7.2 Exit from Software
Standby Mode
1262
Replaced
Overview
1. Exit from software standby mode by interrupt
Replaced due to the addition of the voltage monitoring,
voltage-monitoring reset, and power-on reset.
Added
2. Exit from voltage monitoring reset*
2
3. Exit from power-on reset*
2
Replaced due to the addition of the voltage monitoring
reset and power on reset.
28.8.1 Entry to Deep
Software Standby Mode
1266
Replaced
Replaced due to the addition of the LVD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com