Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 1490 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 1490 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 1486Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1487Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1488Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1489Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1490Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1491Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1492Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1493Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1494Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1490 / 1504 page
background image
Main Revisions and Additions in this Edition
Rev. 2.00 Sep. 24, 2008 Page 1458 of 1468
REJ09B0412-0200
Item
Page
Revision (See Manual for Details)
Replaced
Overview
1. Exit from software standby mode by interrupt
Replaced due to the addition of the LVD.
28.8.2 Exit from Deep
Software Standby Mode
1267
Added
2. Exit from voltage monitoring reset*
2
3. Exit from power-on reset*
2
Added due to the addition of the voltage monitoring reset
and power-on reset.
28.9.4 Timing Sequence at
Power-On
1280
Replaced
Replaced due to the addition of the power-on reset.
28.12.7 Conflict between a
transition to deep software
standby mode and interrupts
1286
Replaced
Replaced due to the addition of the voltage monitoring
interrupt.
Section 29 List of Registers
29.1 Register Addresses
(Address Order)
1300
Added
Register Name
Abbreviation
Number of
Bits
Address
Module
Data
Widt
h
Access Cycles
(Read/Write)
Low voltage detection
control register*
2
LVDCR
8
H'FFE78
SYSTE
M
8
2I
φ/3Iφ
Added due to the addition of the LVD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com