Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 1493 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 1493 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 1489Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1490Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1491Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1492Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1493Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1494Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1495Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1496Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1497Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1493 / 1504 page
background image
Rev. 2.00 Sep. 24, 2008 Page 1461 of 1468
REJ09B0412-0200
Index
Numerics
0 output/1 output..................................... 733
0-output/1-output .................................... 733
16-bit access space.................................. 242
16-bit counter mode................................ 836
16-bit timer pulse unit (TPU) ................. 683
32K timer (TM32K) ............................... 845
8-bit access space.................................... 241
8-bit timers (TMR) ................................. 811
A
A/D conversion accuracy...................... 1090
Absolute accuracy................................. 1090
Acknowledge........................................ 1050
Address error .......................................... 120
Address map ............................................. 87
Address mode ......................................... 531
Address modes................................ 402, 482
Address/data multiplexed I/O
interface .......................................... 234, 270
All-module-clock-stop mode ...... 1236, 1261
Area 0 ..................................................... 236
Area 1 ..................................................... 237
Area 2 ..................................................... 237
Area 3 ..................................................... 238
Area 4 ..................................................... 238
Area 5 ..................................................... 239
Area 6 ..................................................... 239
Area 7 ..................................................... 240
Area division........................................... 229
Asynchronous mode ............................... 912
AT-cut parallel-resonance type............. 1227
Available output signal and settings in
each port ................................................. 653
Average transfer rate generator............... 868
B
B
φ clock output control.........................1284
Basic bus interface .......................... 233, 244
Big endian ............................................... 232
Bit rate..................................................... 895
Bit synchronous circuit ......................... 1064
Block structure...................................... 1111
Block transfer mode................ 408, 487, 582
Boot mode................................... 1108, 1139
Boundary scan commands .................... 1209
Buffer operation ...................................... 738
Bulk-in transfer ..................................... 1019
Bulk-out transfer ................................... 1018
Burst access mode................................... 414
Burst mode.............................................. 492
Burst ROM interface....................... 233, 265
Bus access modes.................................... 413
Bus arbitration......................................... 367
Bus configuration.................................... 220
Bus controller (BSC)............................... 183
Bus cycle division ................................... 576
Bus mode ................................................ 491
Bus release .............................................. 360
Bus width ................................................ 232
Bus-released state...................................... 76
Byte control SRAM interface ......... 233, 257
C
Cascaded connection............................... 836
Cascaded operation ................................. 742
Chain transfer.......................................... 583
Chip select signals................................... 230
Clock pulse generator ........................... 1221
Clock synchronization cycle (Tsy).......... 222
Clocked synchronous mode .................... 929
Cluster transfer dual address mode ......... 531



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com