Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 295 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 295 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 291Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 292Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 293Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 294Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 295Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 296Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 297Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 298Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 299Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 295 / 1504 page
background image
Section 9 Bus Controller (BSC)
Rev. 2.00 Sep. 24, 2008 Page 263 of 1468
REJ09B0412-0200
9.7.6
Read Strobe (
RD)
When the byte control SRAM space is specified, the RDNCR setting for the corresponding space
is invalid.
The read strobe negation timing is the same timing as when RDNn = 1 in the basic bus interface.
Note that the
RD timing with respect to the DACK and EDACK rising edge becomes different.
9.7.7
Extension of Chip Select (
CS) Assertion Period
In the byte control SRAM interface, the extension cycles can be inserted before and after the bus
cycle in the same way as the basic bus interface. For details, refer to section 9.6.6, Extension of
Chip Select (
CS) Assertion Period.
9.7.8
DACK and EDACK Signal Output Timing
For DMAC or EXDMAC single address transfers, the
DACK and EDACK signal assert timing
can be modified by using the DKC and EDKC bits in BCR1.
Figure 9.28 shows the
DACK and EDACK signal output timing. Setting the DKC bit or the
EDKC bit to 1 asserts the
DACK or EDACK signal a half cycle earlier.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com