Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 297 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 297 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 293Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 294Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 295Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 296Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 297Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 298Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 299Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 300Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 301Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 297 / 1504 page
background image
Section 9 Bus Controller (BSC)
Rev. 2.00 Sep. 24, 2008 Page 265 of 1468
REJ09B0412-0200
9.8
Burst ROM Interface
In this LSI, external address space areas 0 and 1 can be designated as burst ROM space, and burst
ROM interfacing performed. The burst ROM interface enables ROM with page access capability
to be accessed at high speed.
Areas 1 and 0 can be designated as burst ROM space by means of bits BSRM1 and BSRM0 in
BROMCR. Consecutive burst accesses of up to 32 words can be performed, according to the
setting of bits BSWDn1 and BSWDn0 (n = 0, 1) in BROMCR. From one to eight cycles can be
selected for burst access.
Settings can be made independently for area 0 and area 1.
In the burst ROM interface, the burst access covers only read accesses by the CPU and EXDMAC
cluster transfer. Other accesses are performed with the similar method to the basic bus interface.
9.8.1
Burst ROM Space Setting
Burst ROM interface can be specified for areas 0 and 1. Areas 0 and 1 can be specified as burst
ROM space by setting bits BSRMn (n = 0, 1) in BROMCR.
9.8.2
Data Bus
The bus width of the burst ROM space can be specified as 8-bit or 16-bit burst ROM interface
space according to the ABWHn and ABWLn bits (n = 0, 1) in ABWCR.
For the 8-bit bus width, data bus (D7 to D0) is valid. For the 16-bit bus width, data bus (D15 to
D0) is valid.
Access size and data alignment are the same as the basic bus interface. For details, see section
9.5.6, Endian and Data Alignment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com