Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 299 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 299 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 295Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 296Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 297Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 298Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 299Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 300Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 301Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 302Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 303Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 299 / 1504 page
background image
Section 9 Bus Controller (BSC)
Rev. 2.00 Sep. 24, 2008 Page 267 of 1468
REJ09B0412-0200
9.8.4
Basic Timing
The number of access cycles in the initial cycle (full access) on the burst ROM interface is
determined by the basic bus interface settings in ABWCR, ASTCR, WTCRA, WTCRB, and bits
CSXHn in CSACR (n = 0 to 7). When area 0 or area 1 designated as burst ROM space is read by
the CPU or EXDMAC cluster transfer, the settings in RDNCR and bits CSXTn in CSACR (n = 0
to 7) are ignored.
From one to eight cycles can be selected for the burst cycle, according to the settings of bits
BSTS02 to BSTS00 and BSTS12 to BSTS10 in BROMCR. Wait cycles cannot be inserted. In
addition, 4-word, 8-word, 16-word, or 32-word consecutive burst access can be performed
according to the settings of BSTS01, BSTS00, BSTS11, and BSTS10 bits in BROMCR.
The basic access timing for burst ROM space is shown in figures 9.29 and 9.30.
T
1
T
2
T
1
T
2
T
1
T
2
T
3
B
φ
Upper
address bus
Note: n = 1, 0
Lower
address bus
Data bus
Full access
Burst access
CSn
AS
RD
BS
RD/
WR
Figure 9.29 Example of Burst ROM Access Timing (ASTn = 1, Two Burst Cycles)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com