Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 302 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 302 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 298Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 299Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 300Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 301Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 302Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 303Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 304Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 305Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 306Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 302 / 1504 page
background image
Section 9 Bus Controller (BSC)
Rev. 2.00 Sep. 24, 2008 Page 270 of 1468
REJ09B0412-0200
9.9
Address/Data Multiplexed I/O Interface
If areas 3 to 7 of external address space are specified as address/data multiplexed I/O space in this
LSI, the address/data multiplexed I/O interface can be performed. In the address/data multiplexed
I/O interface, peripheral LSIs that require the multiplexed address/data can be connected directly
to this LSI.
9.9.1
Address/Data Multiplexed I/O Space Setting
Address/data multiplexed I/O interface can be specified for areas 3 to 7. Each area can be
specified as the address/data multiplexed I/O space by setting bits MPXEn (n = 3 to 7) in
MPXCR.
9.9.2
Address/Data Multiplex
In the address/data multiplexed I/O space, data bus is multiplexed with address bus. Table 9.18
shows the relationship between the bus width and address output.
Table 9.18
Address/Data Multiplex
Bus Width
Cycle
Data Pins
Address
Data
Address
Data
8 bits
16 bits
PI7
-
-
A15
D15
PI6
-
-
A14
D14
PI5
-
-
A13
D13
PI4
-
-
A12
D12
PI3
-
-
A11
D11
PI2
-
-
A10
D10
PI1
-
-
A9
D9
PI0
-
-
A8
D8
PH7
A7
D7
A7
D7
PH6
A6
D6
A6
D6
PH5
A5
D5
A5
D5
PH4
A4
D4
A4
D4
PH3
A3
D3
A3
D3
PH2
A2
D2
A2
D2
PH1
A1
D1
A1
D1
PH0
A0
D0
A0
D0
9.9.3
Data Bus
The bus width of the address/data multiplexed I/O space can be specified for either 8-bit access
space or 16-bit access space by the ABWHn and ABWLn bits (n = 3 to 7) in ABWCR.
For the 8-bit access space, D7 to D0 are valid for both address and data. For 16-bit access space,
D15 to D0 are valid for both address and data. If the address/data multiplexed I/O space is
accessed, the corresponding address will be output to the address bus.
For details on access size and data alignment, see section 9.5.6, Endian and Data Alignment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com