Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 303 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 303 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 299Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 300Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 301Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 302Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 303Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 304Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 305Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 306Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 307Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 303 / 1504 page
background image
Section 9 Bus Controller (BSC)
Rev. 2.00 Sep. 24, 2008 Page 271 of 1468
REJ09B0412-0200
9.9.4
I/O Pins Used for Address/Data Multiplexed I/O Interface
Table 9.19 shows the pins used for the address/data multiplexed I/O Interface.
Table 9.19
I/O Pins for Address/Data Multiplexed I/O Interface
Pin
When Byte
Control
SRAM is
Specified
Name
I/O
Function
CSn
CSn
Chip select
Output
Chip select (n = 3 to 7) when area n is specified as the
address/data multiplexed I/O space
AS/AH
AH*
Address hold
Output
Signal to hold an address when the address/data
multiplexed I/O space is specified
RD
RD
Read strobe
Output
Signal indicating that the address/data multiplexed I/O
space is being read
LHWR/LUB
LHWR
Low-high write Output
Strobe signal indicating that the upper byte (D15 to
D8) is valid when the address/data multiplexed I/O
space is written
LLWR/LLB
LLWR
Low-low write
Output
Strobe signal indicating that the lower byte (D7 to D0)
is valid when the address/data multiplexed I/O space is
written
D15 to D0
D15 to D0
Address/data
Input/
output
Address and data multiplexed pins for the
address/data multiplexed I/O space.
Only D7 to D0 are valid when the 8-bit space is
specified. D15 to D0 are valid when the 16-bit space is
specified.
A23 to A0
A23 to A0
Address
Output
Address output pin
WAIT
WAIT
Wait
Input
Wait request signal used when the external address
space is accessed
BS
BS
Bus cycle start Output
Signal to indicate the bus cycle start
RD/
WR
RD/
WR
Read/write
Output
Signal indicating the data bus input or output direction
Note:
*
The
AH output is multiplexed with the AS output. At the timing that an area is specified
as address/data multiplexed I/O, this pin starts to function as the
AH output meaning
that this pin cannot be used as the
AS output. At this time, when other areas set to the
basic bus interface is accessed, this pin does not function as the
AS output. Until an
area is specified as address/data multiplexed I/O, be aware that this pin functions as
the
AS output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com