Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2424 Datasheet(PDF) 521 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 521 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 517Page - Renesas Technology Corp H8S/2424 Datasheet HTML 518Page - Renesas Technology Corp H8S/2424 Datasheet HTML 519Page - Renesas Technology Corp H8S/2424 Datasheet HTML 520Page - Renesas Technology Corp H8S/2424 Datasheet HTML 521Page - Renesas Technology Corp H8S/2424 Datasheet HTML 522Page - Renesas Technology Corp H8S/2424 Datasheet HTML 523Page - Renesas Technology Corp H8S/2424 Datasheet HTML 524Page - Renesas Technology Corp H8S/2424 Datasheet HTML 525Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 521 / 1302 page
background image
Section 10 I/O Ports
Rev. 1.00 Sep. 19, 2008 Page 493 of 1270
REJ09B0466-0100
Section 10 I/O Ports
Table 10.1 summarizes the port functions of the H8S/2426 Group and H8S/2426R Group. Table
10.2 summarizes the port functions of the H8S/2424 Group. The pins of each port also have other
functions such as input/output or external interrupt input pins of on-chip peripheral modules. Each
I/O port includes a data direction register (DDR) that controls input/output, a data register (DR)
that stores output data, a port register (PORT) used to read the pin states, and a port function
control register (PFCR) used to set input/output destination. Before enabling each input/output
pins, select the input/output destination by PFCR. The input-only ports do not have a DR or DDR
register.
Ports A to E have a built-in pull-up MOS function and a pull-up MOS control register (PCR) to
control the on/off state of the input pull-up MOS.
Ports 1 to 3, 5 to 8, and A to J include an open-drain control register (ODR) that controls the
on/off state of the output buffer PMOS.
Ports 1 to 3, 5 (P50 to P53), 6, and 8 can drive a single TTL load and 30-pF capacitive load. Ports
A to H can drive a single TTL load and 50-pF capacitive load.
All of the I/O ports can drive a Darlington transistor when outputting data.
Ports 1 and 2 are Schmitt-triggered inputs.
• H8S/2426 Group and H8S/2426R Group
Ports 5 (P50 to P52), 8 (P81, P83, and P85), B, and C are Schmitt-triggered inputs when used
as TPU inputs.
Ports 2, 5, 6, 8, A (PA4 to PA7), F (PF1 and PF2), and H (PH2 and PH3) are Schmitt-triggered
inputs when used as IRQ inputs.
Ports 3 (P32 to P35) and 5 (P50 and P51) are Schmitt-triggered inputs when used as I
2C inputs.
Ports 5 (P50 and P51), 6 (P60 to P63), and 8 (P81 and P83) are Schmitt-triggered inputs when
used as 8-bit timer inputs.
• H8S/2424 Group
Ports 5 (P50 to P52), 8 (P81, P83, and P85), B, and C are Schmitt-triggered inputs when used
as TPU inputs.
Ports 4, 5, 8, and A (PA4 to PA7) are Schmitt-triggered inputs when used as IRQ inputs.
Ports 3 (P32 to P35) and 5 (P50 and P51) are Schmitt-triggered inputs when used as I
2C inputs.
Ports 2 (P20 to P23), 5 (P50 and P51), and 8 (P81 and P83) are Schmitt-triggered inputs when
used as 8-bit timer inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com