| Electronic Components Datasheet Search |
|
H8S/2424 Datasheet(PDF) 524 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2424 Datasheet(HTML) 524 Page - Renesas Technology Corp |
|
524 / 1302 page ![]() Section 10 I/O Ports Rev. 1.00 Sep. 19, 2008 Page 496 of 1270 REJ09B0466-0100 Mode 7 Port Description Mode 1 Mode 2 Mode 4 EXPE = 1 EXPE = 0 Input/ Output Type Port 9 Dedicated input port also functioning as A/D converter analog inputs and D/A converter analog outputs P97/AN15_1 P96/AN14_1 P95/AN13_1/DA3 P94/AN12_1/DA2 P93/AN11_1 P92/AN10_1 P91/AN9_1 P90/AN8_1 Port A General I/O port also functioning as address outputs, interrupt inputs, SSU I/Os, and SCI I/Os PA7/A23/ IRQ7-A/ SSO0-B PA6/A22/ IRQ6-A/ SSI0-B PA5/A21/ IRQ5-A/ SSCK0-B A20/ IRQ4-A A19 A18 A17 A16 PA7/A23/ IRQ7-A/SSO0-B PA6/A22/ IRQ6-A/SSI0-B PA5/A21/ IRQ5-A/SSCK0-B PA4/A20/ IRQ4-A/SCS0-B PA3/A19/SCK4-B PA2/A18/RxD4-B PA1/A17/TxD4-B PA0/A16 PA7/ IRQ7-A/SSO0-B PA6/ IRQ6-A/SSI0-B PA5/ IRQ5-A/SSCK0-B PA4/ IRQ4-A/SCS0-B PA3/SCK4-B PA2/RxD4-B PA1/TxD4-B PA0 Only PA4 to PA7 are Schmitt- triggered inputs when used as IRQ inputs. Built-in input pull- up MOS. Open-drain output capability. Port B General I/O port also functioning as address outputs and TPU I/Os A15 A14 A13 A12 A11 A10 A9 A8 PB7/A15 PB6/A14 PB5/A13 PB4/A12 PB3/A11 PB2/A10 PB1/A9 PB0/A8 PB7/TIOCB8/TCLKH PB6/TIOCA8 PB5/TIOCB7/TCLKG PB4/TIOCA7 PB3/TIOCD6/TCLKF PB2/TIOCC6/TCLKE PB1/TIOCB6 PB0/TIOCA6 Built-in input pull- up MOS. Schmitt-triggered inputs when used as TPU inputs. Open-drain output capability. Port C General I/O port also functioning as address outputs and TPU I/Os A7 A6 A5 A4 A3 A2 A1 A0 PC7/A7 PC6/A6 PC5/A5 PC4/A4 PC3/A3 PC2/A2 PC1/A1 PC0/A0 PC7/TIOCB11 PC6/TIOCA11 PC5/TIOCB10 PC4/TIOCA10 PC3/TIOCD9 PC2/TIOCC9 PC1/TIOCB9 PC0/TIOCA9 Built-in input pull- up MOS. Schmitt-triggered inputs when used as TPU inputs. Open-drain output capability. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |