Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2424 Datasheet(PDF) 525 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 525 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 521Page - Renesas Technology Corp H8S/2424 Datasheet HTML 522Page - Renesas Technology Corp H8S/2424 Datasheet HTML 523Page - Renesas Technology Corp H8S/2424 Datasheet HTML 524Page - Renesas Technology Corp H8S/2424 Datasheet HTML 525Page - Renesas Technology Corp H8S/2424 Datasheet HTML 526Page - Renesas Technology Corp H8S/2424 Datasheet HTML 527Page - Renesas Technology Corp H8S/2424 Datasheet HTML 528Page - Renesas Technology Corp H8S/2424 Datasheet HTML 529Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 525 / 1302 page
background image
Section 10 I/O Ports
Rev. 1.00 Sep. 19, 2008 Page 497 of 1270
REJ09B0466-0100
Mode 7
Port
Description
Mode 1
Mode 2
Mode 4
EXPE = 1
EXPE = 0
Input/
Output Type
Port D General I/O port
also functioning as
data I/Os
D15
D14
D13
D12
D11
D10
D9
D8
PD7
PD6
PD5
PD4
PD3
PD2
PD1
PD0
Built-in input pull-
up MOS.
Open-drain output
capability.
Port E General I/O port
also functioning as
data I/Os
PE7/D7
PE6/D6
PE5/D5
PE4/D4
PE3/D3
PE2/D2
PE1/D1
PE0/D0
PE7/D7
PE6/D6
PE5/D5
PE4/D4
PE3/D3
PE2/D2
PE1/D1
PE0/D0
PE7
PE6
PE5
PE4
PE3
PE2
PE1
PE0
Built-in input pull-
up MOS.
Open-drain output
capability.
Port F General I/O port
also functioning as
interrupt inputs, bus
control signal I/Os,
SSU I/Os, and A/D
converter inputs
PF7/
φ
PF6/
AS/AH
RD
HWR
PF3/
LWR/SSO0-C
PF2/
LCAS/DQML/IRQ15-A/SSI0-C
PF1/
UCAS/DQMU/IRQ14-A/SSCK0-C
PF0/
WAIT-A/ADTRG0-B/SCS0-C
PF7/
φ
PF6
PF5
PF4
PF3/SSO0-C
PF2/
IRQ15-A/SSI0-C
PF1/
IRQ14-A/
SSCK0-C
PF0/
ADTRG0-B/
SCS0-C
Only PF1 and
PF2 are Schmitt-
triggered inputs
when used as
IRQ inputs.
Open-drain output
capability.
Port G General I/O port
also functioning as
bus control signal
I/Os and JTAG
inputs
PG6/
BREQ-A/TDI*3
PG5/
BACK-A/TMS*3
PG4/
BREQO-A/TCK*3
PG3/
CS3/RAS3/CAS*1
PG2/
CS2/RAS2/RAS*1
PG1/
CS1
PG0/
CS0
PG6/TDI*
3
PG5/TMS*
3
PG4/TCK*
3
PG3
PG2
PG1
PG0
Open-drain output
capability.
Port H General I/O port
also functioning as
interrupt inputs and
bus control signal
I/Os
PH3/
CS7/OE-A/CKE-A*1/IRQ7-B
PH2/
CS6/IRQ6-B
PH1/
CS5/RAS5/SDRAMφ*1
PH0/
CS4/RAS4/WE*1
PH3/
IRQ7-B
PH2/
IRQ6-B
PH1/SDRAM
φ*1
PH0
Only PH2 and
PH3 are Schmitt-
triggered inputs
when used as
IRQ inputs.
Open-drain output
capability.
Port
J
General I/O port
PJ2*
2
PJ1
PJ0
Open-drain output
capability for only
PJ0 and PJ1.
5-V tolerance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com