Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2424 Datasheet(PDF) 956 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 956 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 952Page - Renesas Technology Corp H8S/2424 Datasheet HTML 953Page - Renesas Technology Corp H8S/2424 Datasheet HTML 954Page - Renesas Technology Corp H8S/2424 Datasheet HTML 955Page - Renesas Technology Corp H8S/2424 Datasheet HTML 956Page - Renesas Technology Corp H8S/2424 Datasheet HTML 957Page - Renesas Technology Corp H8S/2424 Datasheet HTML 958Page - Renesas Technology Corp H8S/2424 Datasheet HTML 959Page - Renesas Technology Corp H8S/2424 Datasheet HTML 960Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 956 / 1302 page
background image
Section 16 I
2C Bus Interface 2 (IIC2)
Rev. 1.00 Sep. 19, 2008 Page 928 of 1270
REJ09B0466-0100
16.3.2
I
2C Bus Control Register B (ICCRB)
ICCRB is an 8-bit readable/writable register that issues start/stop conditions, manipulates the SDA
pin, monitors the SCL pin, and controls reset in I
2C control.
Bit
Bit Name
Initial Value
R/W
Description
7
BBSY
0
R/W
Bus Busy
This bit enables to confirm whether the I
2C bus is
occupied or released and to issue start and stop
conditions in master mode. This bit is set to 1
when the SDA level changes from high to low
under the condition of SCL = high, assuming that
the start condition has been issued. This bit is
cleared to 0 when the SDA level changes from low
to high under the condition of SCL = high,
assuming that the stop condition has been issued.
Write 1 to BBSY and 0 to SCP to issue a start
condition. Follow this procedure when also re-
transmitting a start condition. Write 0 to BBSY and
0 to SCP to issue a stop condition. To issue a
start/stop condition, use the MOV instruction.
6
SCP
1
R/W
Start Condition/Stop Condition Prohibit
The SCP bit controls the issue of start/stop
conditions in master mode.
To issue a start condition, write 1 in BBSY and 0
in SCP. A retransmit start condition is issued in
the same way. To issue a stop condition, write 0 in
BBSY and 0 in SCP. This bit is always read as 1.
If 1 is written, the data is not stored.
5
SDAO
1
R
This bit monitors SDA output level. When reading
and SDA0 is 1, the SDA pin outputs high. When
reading and SDA0 is 0, the SDA pin outputs low.
The write value should always be 1.
4
1
R/W
Reserved
The write value should always be 1.
3
SCLO
1
R
This bit monitors SCL output level. When reading
and SCLO is 1, the SCL pin outputs high. When
reading and SCLO is 0, the SCL pin outputs low.
2
1
Reserved
This bit is always read as 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com