Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2424 Datasheet(PDF) 957 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 957 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 953Page - Renesas Technology Corp H8S/2424 Datasheet HTML 954Page - Renesas Technology Corp H8S/2424 Datasheet HTML 955Page - Renesas Technology Corp H8S/2424 Datasheet HTML 956Page - Renesas Technology Corp H8S/2424 Datasheet HTML 957Page - Renesas Technology Corp H8S/2424 Datasheet HTML 958Page - Renesas Technology Corp H8S/2424 Datasheet HTML 959Page - Renesas Technology Corp H8S/2424 Datasheet HTML 960Page - Renesas Technology Corp H8S/2424 Datasheet HTML 961Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 957 / 1302 page
background image
Section 16 I
2C Bus Interface 2 (IIC2)
Rev. 1.00 Sep. 19, 2008 Page 929 of 1270
REJ09B0466-0100
Bit
Bit Name
Initial Value
R/W
Description
1
IICRST
0
R/W
IIC Control Part Reset
This bit resets control parts except for I
2C
registers. If this bit is set to 1 when hang-up is
occurred because of communication failure during
I
2C operation, I2C control part can be reset without
setting ports and initializing registers.
0
1
Reserved
This bit is always read as 1.
16.3.3
I
2C Bus Mode Register (ICMR)
ICMR controls the master mode wait and selects the number of transfer bits.
Bit
Bit Name
Initial Value
R/W
Description
7
0
Reserved
The write value should always be 0.
6
WAIT
0
R/W
Wait Insertion
This bit selects whether to insert a wait after data
transfer except for the acknowledge bit. When
WAIT is set to 1, after the fall of the clock for the
final data bit, low period is extended for two
transfer clocks. If WAIT is cleared to 0, data and
acknowledge bits are transferred consecutively
with no wait inserted.
The setting of this bit is invalid in slave mode.
5, 4
All 1
Reserved
These bits are always read as 1.
3
BCWP
1
R/W
BC Write Protect
This bit controls the BC2 to BC0 modifications.
When modifying BC2 to BC0, this bit should be
cleared to 0 and use the MOV instruction.
0: When writing, values of BC2 to BC0 are set.
1: When reading, 1 is always read.
When writing, settings of BC2 to BC0 are
invalid.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com