Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2424 Datasheet(PDF) 959 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 959 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 955Page - Renesas Technology Corp H8S/2424 Datasheet HTML 956Page - Renesas Technology Corp H8S/2424 Datasheet HTML 957Page - Renesas Technology Corp H8S/2424 Datasheet HTML 958Page - Renesas Technology Corp H8S/2424 Datasheet HTML 959Page - Renesas Technology Corp H8S/2424 Datasheet HTML 960Page - Renesas Technology Corp H8S/2424 Datasheet HTML 961Page - Renesas Technology Corp H8S/2424 Datasheet HTML 962Page - Renesas Technology Corp H8S/2424 Datasheet HTML 963Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 959 / 1302 page
background image
Section 16 I
2C Bus Interface 2 (IIC2)
Rev. 1.00 Sep. 19, 2008 Page 931 of 1270
REJ09B0466-0100
16.3.4
I
2C Bus Interrupt Enable Register (ICIER)
ICIER is an 8-bit readable/writable register that enables or disables interrupt sources and
acknowledge bits, sets acknowledge bits to be transferred, and confirms acknowledge bits to be
received.
Bit
Bit Name
Initial Value
R/W
Description
7
TIE
0
R/W
Transmit Interrupt Enable
When the TDRE bit in ICSR is set to 1, this bit
enables or disables the transmit data empty
interrupt (TXI).
0: Transmit data empty interrupt request (TXI) is
disabled.
1: Transmit data empty interrupt request (TXI) is
enabled.
6
TEIE
0
R/W
Transmit End Interrupt Enable
This bit enables or disables the transmit end
interrupt (TEI) at the rising of the ninth clock while
the TDRE bit in ICSR is 1. TEI can be canceled by
clearing the TEND bit or the TEIE bit to 0.
0: Transmit end interrupt request (TEI) is disabled.
1: Transmit end interrupt request (TEI) is enabled.
5
RIE
0
R/W
Receive Interrupt Enable
This bit enables or disables the receive data full
interrupt request (RXI) when a received data is
transferred from ICDRS to ICDRR and the RDRF
bit in ICSR is set to 1. RXI can be canceled by
clearing the RDRF or RIE bit to 0.
0: Receive data full interrupt request (RXI) is
disabled.
1: Receive data full interrupt request (RXI) is
enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com