Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 614 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 614 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 610Page - Renesas Technology Corp H8/3021 Datasheet HTML 611Page - Renesas Technology Corp H8/3021 Datasheet HTML 612Page - Renesas Technology Corp H8/3021 Datasheet HTML 613Page - Renesas Technology Corp H8/3021 Datasheet HTML 614Page - Renesas Technology Corp H8/3021 Datasheet HTML 615Page - Renesas Technology Corp H8/3021 Datasheet HTML 616Page - Renesas Technology Corp H8/3021 Datasheet HTML 617Page - Renesas Technology Corp H8/3021 Datasheet HTML 618Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 614 / 712 page
background image
Appendix B. Internal I/O Register Field
Rev.2.00 Mar. 22, 2007 Page 590 of 684
REJ09B0352-0200
Bit Names
Address
(low)
Register
Name
Data Bus
Width
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Module
Name
H'60
TSTR
8
—
—
—
STR4
STR3
STR2
STR1
STR0
H'61
TSNC
8
—
—
—
SYNC4
SYNC3
SYNC2
SYNC1
SYNC0
H'62
TMDR
8
MDF
FDIR
PWM4
PWM3
PWM2
PWM1
PWM0
H'63
TFCR
8
—
—
CMD1
CMD0
BFB4
BFA4
BFB3
BFA3
ITU
(all
channels)
H'64
TCR0
8
—
CCLR1
CCLR0
CKEG1
CKEG0
TPSC2
TPSC1
TPSC0
H'65
TIOR0
8
—
IOB2
IOB1
IOB0
—
IOA2
IOA1
IOA0
H'66
TIER0
8
—
—
—
—
—
OVIE
IMIEB
IMIEA
H'67
TSR0
8
—
—
—
—
—
OVF
IMFB
IMFA
H'68
TCNT0H
16
H'69
TCNT0L
H'6A
GRA0H
16
H'6B
GRA0L
H'6C
GRB0H
16
H'6D
GRB0L
ITU
channel 0
H'6E
TCR1
8
—
CCLR1
CCLR0
CKEG1
CKEG0
TPSC2
TPSC1
TPSC0
H'6F
TIOR1
8
—
IOB2
IOB1
IOB0
—
IOA2
IOA1
IOA0
H'70
TIER1
8
—
—
—
—
—
OVIE
IMIEB
IMIEA
H'71
TSR1
8
—
—
—
—
—
OVF
IMFB
IMFA
H'72
TCNT1H
16
H'73
TCNT1L
H'74
GRA1H
16
H'75
GRA1L
H'76
GRB1H
16
H'77
GRB1L
ITU
channel 1
H'78
TCR2
8
—
CCLR1
CCLR0
CKEG1
CKEG0
TPSC2
TPSC1
TPSC0
H'79
TIOR2
8
—
IOB2
IOB1
IOB0
—
IOA2
IOA1
IOA0
ITU
channel 2
H'7A
TIER2
8
—
—
—
—
—
OVIE
IMIEB
IMIEA
H'7B
TSR2
8
—
—
—
—
—
OVF
IMFB
IMFA
H'7C
TCNT2H
16
H'7D
TCNT2L
H'7E
GRA2H
16
H'7F
GRA2L
H'80
GRB2H
16
H'81
GRB2L
Legend
ITU:
16-bit integrated timer unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com