Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 616 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 616 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 612Page - Renesas Technology Corp H8/3021 Datasheet HTML 613Page - Renesas Technology Corp H8/3021 Datasheet HTML 614Page - Renesas Technology Corp H8/3021 Datasheet HTML 615Page - Renesas Technology Corp H8/3021 Datasheet HTML 616Page - Renesas Technology Corp H8/3021 Datasheet HTML 617Page - Renesas Technology Corp H8/3021 Datasheet HTML 618Page - Renesas Technology Corp H8/3021 Datasheet HTML 619Page - Renesas Technology Corp H8/3021 Datasheet HTML 620Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 616 / 712 page
background image
Appendix B. Internal I/O Register Field
Rev.2.00 Mar. 22, 2007 Page 592 of 684
REJ09B0352-0200
Bit Names
Address
(low)
Register
Name
Data Bus
Width
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Module
Name
H'A0
TPMR
8
—
—
—
—
G3NOV
G2NOV
G1NOV
G0NOV
TPC
H'A1
TPCR
8
G3CMS1
G3CMS0
G2CMS1
G2CMS0
G1CMS1
G1CMS0
G0CMS1
G0CMS0
H'A2
NDERB
8
NDER15
NDER14
NDER13
NDER12
NDER11
NDER10
NDER9
NDER8
H'A3
NDERA
8
NDER7
NDER6
NDER5
NDER4
NDER3
NDER2
NDER1
NDER0
H'A4
NDRB*
1
8
NDR15
NDR14
NDR13
NDR12
NDR11
NDR10
NDR9
NDR8
8
NDR15
NDR14
NDR13
NDR12
—
—
—
—
H'A5
NDRA*
1
8
NDR7
NDR6
NDR5
NDR4
NDR3
NDR2
NDR1
NDR0
8
NDR7
NDR6
NDR5
NDR4
—
—
—
—
H'A6
NDRB*
1
8
—
—
—
—
—
—
—
—
8
—
—
—
—
NDR11
NDR10
NDR9
NDR8
H'A7
NDRA*
1
8
—
—
—
—
—
—
—
—
8
—
—
—
—
NDR3
NDR2
NDR1
NDR0
H'A8
TCSR*
2
8
OVF
WT/
IT
TME
—
—
CKS2
CKS1
CKS0
WDT
H'A9
TCNT*
2
8
H'AA
—
—
—
—
—
—
—
—
—
H'AB
RSTCSR*
2
8
WRST
RSTOE
—
—
—
—
—
—
H'AC
—
—
—
—
—
—
—
—
—
H'AD
—
—
—
—
—
—
—
—
—
H'AE
—
—
—
—
—
—
—
—
—
H'AF
—
—
—
—
—
—
—
—
—
H'B0
SMR
8
C/
A
CHR
PE
O/
E
STOP
MP
CKS1
CKS0
SCI0
H'B1
BRR
8
H'B2
SCR
8
TIE
RIE
TE
RE
MPIE
TEIE
CKE1
CKE0
H'B3
TDR
8
H'B4
SSR
8
TDRE
RDRF
ORER
FER
PER
TEND
MPB
MPBT
H'B5
RDR
8
H'B6
SCMR
8
—
—
—
—
SDIR
SINV
—
SMIF
Smart
card
interface
H'B7
Notes: 1. The address depends on the output trigger setting.
2. For write access to TCSR, TCNT, and RSTCSR, see section 10.2.4, Notes on Register
Access.
Legend
TPC:
Programmable timing pattern controller
WDT: Watchdog timer
SCI:
Serial communication interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com