Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 615 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 615 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 611Page - Renesas Technology Corp H8/3021 Datasheet HTML 612Page - Renesas Technology Corp H8/3021 Datasheet HTML 613Page - Renesas Technology Corp H8/3021 Datasheet HTML 614Page - Renesas Technology Corp H8/3021 Datasheet HTML 615Page - Renesas Technology Corp H8/3021 Datasheet HTML 616Page - Renesas Technology Corp H8/3021 Datasheet HTML 617Page - Renesas Technology Corp H8/3021 Datasheet HTML 618Page - Renesas Technology Corp H8/3021 Datasheet HTML 619Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 615 / 712 page
background image
Appendix B. Internal I/O Register Field
Rev.2.00 Mar. 22, 2007 Page 591 of 684
REJ09B0352-0200
Bit Names
Address
(low)
Register
Name
Data Bus
Width
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Module
Name
H'82
TCR3
8
—
CCLR1
CCLR0
CKEG1
CKEG0
TPSC2
TPSC1
TPSC0
H'83
TIOR3
8
—
IOB2
IOB1
IOB0
—
IOA2
IOA1
IOA0
H'84
TIER3
8
—
—
—
—
—
OVIE
IMIEB
IMIEA
H'85
TSR3
8
—
—
—
—
—
OVF
IMFB
IMFA
H'86
TCNT3H
16
H'87
TCNT3L
H'88
GRA3H
16
H'89
GRA3L
H'8A
GRB3H
16
H'8B
GRB3L
H'8C
BRA3H
16
H'8D
BRA3L
H'8E
BRB3H
16
H'8F
BRB3L
ITU
channel 3
H'90
TOER
8
—
—
EXB4
EXA4
EB3
EB4
EA4
EA3
H'91
TOCR
8
—
—
—
XTGD
—
—
OLS4
OLS3
ITU
(all
channel)
H'92
TCR4
8
—
CCLR1
CCLR0
CKEG1
CKEG0
TPSC2
TPSC1
TPSC0
H'93
TIOR4
8
—
IOB2
IOB1
IOB0
—
IOA2
IOA1
IOA0
H'94
TIER4
8
—
—
—
—
—
OVIE
IMIEB
IMIEA
H'95
TSR4
8
—
—
—
—
—
OVF
IMFB
IMFA
H'96
TCNT4H
16
H'97
TCNT4L
H'98
GRA4H
16
H'99
GRA4L
H'9A
GRB4H
16
H'9B
GRB4L
H'9C
BRA4H
16
H'9D
BRA4L
ITU
channel 4
H'9E
BRB4H
16
H'9F
BRB4L
Legend
ITU:
16-bit integrated timer unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com