Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 198 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 198 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 194Page - Renesas Technology Corp H8/3021 Datasheet HTML 195Page - Renesas Technology Corp H8/3021 Datasheet HTML 196Page - Renesas Technology Corp H8/3021 Datasheet HTML 197Page - Renesas Technology Corp H8/3021 Datasheet HTML 198Page - Renesas Technology Corp H8/3021 Datasheet HTML 199Page - Renesas Technology Corp H8/3021 Datasheet HTML 200Page - Renesas Technology Corp H8/3021 Datasheet HTML 201Page - Renesas Technology Corp H8/3021 Datasheet HTML 202Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 712 page
background image
7. I/O Ports
Rev.2.00 Mar. 22, 2007 Page 174 of 684
REJ09B0352-0200
Pin
Pin Functions and Selection Method
PA
2/TP2/
TIOCA
0/
TCLKC
ITU channel 0 settings (bit PWM0 in TMDR and bits IOA2 to IOA0 in TIOR0), bits
TPSC2 to TPSC0 in TCR4 to TCR0, bit NDER2 in NDERA, and bit PA
2DDR in
PADDR select the pin function as follows
ITU
channel 0
settings
(1) in table below
(2) in table below
PA
2DDR
—
0
1
1
NDER2
—
—
0
1
Pin
function
TIOCA0 output
PA
2 input
PA
2 output
TP
2 output
TIOCA0 input*
1
TCLKC input*
2
Notes: 1. TIOCA
0 input when IOA2 = 1.
2. TCLKC input when TPSC2 = TPSC1 = 1 and TPSC0 = 0 in any of TCR4
to TCR0.
ITU
channel 0
settings
(2)
(1)
(2)
(1)
PWM0
0
1
IOA2
0
1
—
IOA1
0
0
1
—
—
IOA0
0
1
—
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com