Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 199 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 199 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 195Page - Renesas Technology Corp H8/3021 Datasheet HTML 196Page - Renesas Technology Corp H8/3021 Datasheet HTML 197Page - Renesas Technology Corp H8/3021 Datasheet HTML 198Page - Renesas Technology Corp H8/3021 Datasheet HTML 199Page - Renesas Technology Corp H8/3021 Datasheet HTML 200Page - Renesas Technology Corp H8/3021 Datasheet HTML 201Page - Renesas Technology Corp H8/3021 Datasheet HTML 202Page - Renesas Technology Corp H8/3021 Datasheet HTML 203Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 712 page
background image
7. I/O Ports
Rev.2.00 Mar. 22, 2007 Page 175 of 684
REJ09B0352-0200
Pin
Pin Functions and Selection Method
PA
1/TP1/
TCLKB
Bit NDER1 in NDERA and bit PA1DDR in PADDR select the pin function as follows
PA
1DDR
0
1
1
NDER1
—
0
1
Pin
function
PA
1 input
PA
1 output
TP
1 output
TCLKB input*
Note:
*
TCLKB input when MDF = 1 in TMDR, or when TPSC2 = 1, TPSC1 = 0,
and TPSC0 = 1 in any of TCR4 to TCR0.
PA
0/TP0/
TCLKA
Bit NDER0 in NDERA and bit PA
0DDR in PADDR select the pin function as follows
PA
0DDR
0
1
1
NDER0
—
0
1
Pin
function
PA
0 input
PA
0 output
TP
0 output
TCLKA input*
Note:
*
TCLKA input when MDF = 1 in TMDR, or when TPSC2 = 1 and TPSC1 =
TPSC0 = 0 in any of TCR4 to TCR0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com