Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 200 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 200 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 196Page - Renesas Technology Corp H8/3021 Datasheet HTML 197Page - Renesas Technology Corp H8/3021 Datasheet HTML 198Page - Renesas Technology Corp H8/3021 Datasheet HTML 199Page - Renesas Technology Corp H8/3021 Datasheet HTML 200Page - Renesas Technology Corp H8/3021 Datasheet HTML 201Page - Renesas Technology Corp H8/3021 Datasheet HTML 202Page - Renesas Technology Corp H8/3021 Datasheet HTML 203Page - Renesas Technology Corp H8/3021 Datasheet HTML 204Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 712 page
background image
7. I/O Ports
Rev.2.00 Mar. 22, 2007 Page 176 of 684
REJ09B0352-0200
7.11
Port B
7.11.1
Overview
Port B is an 7-bit input/output port that is also used for TPC output (TP
15, TP13 to TP8), ITU
input/output (TIOCB
4, TIOCB3, TIOCA4, TIOCA3) and ITU output (TOCXB4, TOCXA4), and
ADTRG input to the A/D converter. Port B has the same set of pin functions in all operating
modes. Figure 7.23 shows the pin configuration of port B.
Pins in port B can drive one TTL load and a 30-pF capacitive load. They can also drive an LED or
a Darlington transistor pair. Pins PB
3 to PB0 have Schmitt-trigger inputs.
Port B
PB (input/output)/TP
(output)/
ADTRG (input)
PB (input/output)/TP
(output)/TOCXB (output)
PB (input/output)/TP
(output)/TOCXA (output)
7
5
4
3
2
1
0
Port B pins
15
13
12
11
10
9
8
4
4
PB (input/output)/TP
(output)/TIOCB (input/output)
PB (input/output)/TP
(output)/TIOCA (input/output)
PB (input/output)/TP
(output)/TIOCB (input/output)
PB (input/output)/TP
(output)/TIOCA (input/output)
4
4
3
3
Figure 7.23 Port B Pin Configuration
7.11.2
Register Descriptions
Table 7.17 summarizes the registers of port B.
Table 7.17
Port B Registers
Address*
Name
Abbreviation
R/W
Initial Value
H'FFD4
Port B data direction register
PBDDR
W
H'00
H'FFD6
Port B data register
PBDR
R/W
H'00
Note:
*
Lower 16 bits of the address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com