Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 201 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 201 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 197Page - Renesas Technology Corp H8/3021 Datasheet HTML 198Page - Renesas Technology Corp H8/3021 Datasheet HTML 199Page - Renesas Technology Corp H8/3021 Datasheet HTML 200Page - Renesas Technology Corp H8/3021 Datasheet HTML 201Page - Renesas Technology Corp H8/3021 Datasheet HTML 202Page - Renesas Technology Corp H8/3021 Datasheet HTML 203Page - Renesas Technology Corp H8/3021 Datasheet HTML 204Page - Renesas Technology Corp H8/3021 Datasheet HTML 205Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 712 page
background image
7. I/O Ports
Rev.2.00 Mar. 22, 2007 Page 177 of 684
REJ09B0352-0200
Port B Data Direction Register (PBDDR): PBDDR is an 8-bit write-only register that can select
input or output for each pin in port B.
Bit
Initial value
Read/Write
7
PB DDR
0
W
These bits select input or output for port B pins
7
6
—
0
W
5
PB DDR
0
W
5
4
PB DDR
0
W
4
3
PB DDR
0
W
3
2
PB DDR
0
W
2
1
PB DDR
0
W
1
0
PB DDR
0
W
0
Port B data 7, 5 to 0
Reserved bit
A pin in port B becomes an output pin if the corresponding PBDDR bit is set to 1, and an input pin
if this bit is cleared to 0.
Bit 6 is reserved.
PBDDR is a write-only register. Its value cannot be read. All bits return 1 when read.
PBDDR is initialized to H'00 by a reset and in hardware standby mode. In software standby mode
it retains its previous setting. If a PBDDR bit is set to 1, the corresponding pin maintains its output
state in software standby mode.
Port B Data Register (PBDR): PBDR is an 8-bit readable/writable register that stores data for
pins PB
7, PB5 to PB0.
Bit
Initial value
Read/Write
0
PB
0
R/W
0
1
PB
0
R/W
1
2
PB
0
R/W
2
3
PB
0
R/W
3
4
PB
0
R/W
4
5
PB
0
R/W
5
6
—
0
R/W
7
PB
0
R/W
7
Port B data 7, 5 to 0
These bits store data for port B pins
Reserved bit
When a bit in PBDDR is set to 1, if port B is read the value of the corresponding PBDR bit is
returned directly. When a bit in PBDDR is cleared to 0, if port B is read the corresponding pin
level is read. Bit 6 is reserved. Bit 6 can be written and read, but cannot be used for a port input or
output.
If bit 6 in PBDDR is read while its value is 1, the value of bit 6 in PBDR will be read directly. If
bit 6 in PBDDR is read while its value is 0, it will always be read as 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com