Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 234 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 234 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 230Page - Renesas Technology Corp H8/3021 Datasheet HTML 231Page - Renesas Technology Corp H8/3021 Datasheet HTML 232Page - Renesas Technology Corp H8/3021 Datasheet HTML 233Page - Renesas Technology Corp H8/3021 Datasheet HTML 234Page - Renesas Technology Corp H8/3021 Datasheet HTML 235Page - Renesas Technology Corp H8/3021 Datasheet HTML 236Page - Renesas Technology Corp H8/3021 Datasheet HTML 237Page - Renesas Technology Corp H8/3021 Datasheet HTML 238Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 234 / 712 page
background image
8. 16-Bit Integrated Timer Unit (ITU)
Rev.2.00 Mar. 22, 2007 Page 210 of 684
REJ09B0352-0200
8.2.6
Timer Output Control Register (TOCR)
TOCR is an 8-bit readable/writable register that selects externally triggered disabling of output in
complementary PWM mode and reset-synchronized PWM mode, and inverts the output levels.
Bit
Initial value
Read/Write
7
—
1
—
6
—
1
—
5
—
1
—
4
XTGD
1
R/W
3
—
1
—
0
OLS3
1
R/W
2
—1
—
1
OLS4
1
R/W
Reserved bits
Output level select 3, 4
These bits select output
levels in complementary
PWM mode and reset-
synchronized PWM mode
External trigger disable
Selects externally triggered disabling of output in
complementary PWM mode and reset-synchronized
PWM mode
Reserved bits
The settings of the XTGD, OLS4, and OLS3 bits are valid only in complementary PWM mode
and reset-synchronized PWM mode. These settings do not affect other modes.
TOCR is initialized to H'FF by a reset and in standby mode.
Bits 7 to 5—Reserved: These bits cannot be modified and are always read as 1.
Bit 4—External Trigger Disable (XTGD): Selects externally triggered disabling of ITU output
in complementary PWM mode and reset-synchronized PWM mode.
Bit 4
XTGD
Description
0
Input capture A in channel 1 is used as an external trigger signal in complementary
PWM mode and reset-synchronized PWM mode.
When an external trigger occurs, bits 5 to 0 in the timer output master enable register
(TOER) are cleared to 0, disabling ITU output.
1
External triggering is disabled
(Initial value)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com