Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 236 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 236 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 232Page - Renesas Technology Corp H8/3021 Datasheet HTML 233Page - Renesas Technology Corp H8/3021 Datasheet HTML 234Page - Renesas Technology Corp H8/3021 Datasheet HTML 235Page - Renesas Technology Corp H8/3021 Datasheet HTML 236Page - Renesas Technology Corp H8/3021 Datasheet HTML 237Page - Renesas Technology Corp H8/3021 Datasheet HTML 238Page - Renesas Technology Corp H8/3021 Datasheet HTML 239Page - Renesas Technology Corp H8/3021 Datasheet HTML 240Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 236 / 712 page
background image
8. 16-Bit Integrated Timer Unit (ITU)
Rev.2.00 Mar. 22, 2007 Page 212 of 684
REJ09B0352-0200
TCNT0 and TCNT1 are up-counters. TCNT2 is an up/down-counter in phase counting mode and
an up-counter in other modes. TCNT3 and TCNT4 are up/down-counters in complementary PWM
mode and up-counters in other modes.
TCNT can be cleared to H'0000 by compare match with general register A or B (GRA or GRB) or
by input capture to GRA or GRB (counter clearing function) in the same channel.
When TCNT overflows (changes from H'FFFF to H'0000), the overflow flag (OVF) is set to 1 in
the timer status register (TSR) of the corresponding channel.
When TCNT underflows (changes from H'0000 to H'FFFF), the overflow flag (OVF) is set to 1 in
TSR of the corresponding channel.
The TCNTs are linked to the CPU by an internal 16-bit bus and can be written or read by either
word access or byte access.
Each TCNT is initialized to H'0000 by a reset and in standby mode.
8.2.8
General Registers (GRA, GRB)
The general registers are 16-bit registers. The ITU has 10 general registers, two in each channel.
Channel
Abbreviation
Function
0
GRA0, GRB0
Output compare/input capture register
1
GRA1, GRB1
2
GRA2, GRB2
3
GRA3, GRB3
Output compare/input capture register; can be by buffer
4
GRA4, GRB4
registers BRA and BRB
Bit
Initial value
Read/Write
14
1
R/W
12
1
R/W
10
1
R/W
8
1
R/W
6
1
R/W
0
1
R/W
4
1
R/W
2
1
R/W
15
1
R/W
13
1
R/W
11
1
R/W
9
1
R/W
7
1
R/W
1
1
R/W
5
1
R/W
3
1
R/W
A general register is a 16-bit readable/writable register that can function as either an output
compare register or an input capture register. The function is selected by settings in the timer I/O
control register (TIOR).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com