Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 238 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 238 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 234Page - Renesas Technology Corp H8/3021 Datasheet HTML 235Page - Renesas Technology Corp H8/3021 Datasheet HTML 236Page - Renesas Technology Corp H8/3021 Datasheet HTML 237Page - Renesas Technology Corp H8/3021 Datasheet HTML 238Page - Renesas Technology Corp H8/3021 Datasheet HTML 239Page - Renesas Technology Corp H8/3021 Datasheet HTML 240Page - Renesas Technology Corp H8/3021 Datasheet HTML 241Page - Renesas Technology Corp H8/3021 Datasheet HTML 242Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 238 / 712 page
background image
8. 16-Bit Integrated Timer Unit (ITU)
Rev.2.00 Mar. 22, 2007 Page 214 of 684
REJ09B0352-0200
A buffer register is a 16-bit readable/writable register that is used when buffering is selected.
Buffering can be selected independently by bits BFB4, BFA4, BFB3, and BFA3 in TFCR.
The buffer register and general register operate as a pair. When the general register functions as an
output compare register, the buffer register functions as an output compare buffer register. When
the general register functions as an input capture register, the buffer register functions as an input
capture buffer register.
The buffer registers are linked to the CPU by an internal 16-bit bus and can be written or read by
either word or byte access.
Buffer registers are initialized to H'FFFF by a reset and in standby mode.
8.2.10
Timer Control Registers (TCR)
TCR is an 8-bit register. The ITU has five TCRs, one in each channel.
Channel
Abbreviation
Function
0
TCR0
TCR controls the timer counter. The TCRs in all channels are
1
TCR1
functionally identical. When phase counting mode is selected in
2
TCR2
channel 2, the settings of bits CKEG1 and CKEG0 and TPSC2 to
3
TCR3
TPSC0 in TCR2 are ignored.
4
TCR4
Bit
Initial value
Read/Write
7
—
1
—
6
CCLR1
0
R/W
5
CCLR0
0
R/W
4
CKEG1
0
R/W
3
CKEG0
0
R/W
0
TPSC0
0
R/W
2
TPSC2
0
R/W
1
TPSC1
0
R/W
Timer prescaler 2 to 0
These bits select the
counter clock
Reserved bit
Clock edge 1/0
These bits select external clock edges
Counter clear 1/0
These bits select the counter clear source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com