Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 237 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 237 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 233Page - Renesas Technology Corp H8/3021 Datasheet HTML 234Page - Renesas Technology Corp H8/3021 Datasheet HTML 235Page - Renesas Technology Corp H8/3021 Datasheet HTML 236Page - Renesas Technology Corp H8/3021 Datasheet HTML 237Page - Renesas Technology Corp H8/3021 Datasheet HTML 238Page - Renesas Technology Corp H8/3021 Datasheet HTML 239Page - Renesas Technology Corp H8/3021 Datasheet HTML 240Page - Renesas Technology Corp H8/3021 Datasheet HTML 241Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 237 / 712 page
background image
8. 16-Bit Integrated Timer Unit (ITU)
Rev.2.00 Mar. 22, 2007 Page 213 of 684
REJ09B0352-0200
When a general register is used as an output compare register, its value is constantly compared
with the TCNT value. When the two values match (compare match), the IMFA or IMFB flag is set
to 1 in the timer status register (TSR). Compare match output can be selected in TIOR.
When a general register is used as an input capture register, rising edges, falling edges, or both
edges of an external input capture signal are detected and the current TCNT value is stored in the
general register. The corresponding IMFA or IMFB flag in TSR is set to 1 at the same time. The
valid edge or edges of the input capture signal are selected in TIOR.
TIOR settings are ignored in PWM mode, complementary PWM mode, and reset-synchronized
PWM mode.
General registers are linked to the CPU by an internal 16-bit bus and can be written or read by
either word access or byte access.
General registers are initialized to the output compare function (with no output signal) by a reset
and in standby mode. The initial value is H'FFFF.
8.2.9
Buffer Registers (BRA, BRB)
The buffer registers are 16-bit registers. The ITU has four buffer registers, two each in channels 3
and 4.
Channel
Abbreviation
Function
3
BRA3, BRB3
Used for buffering
• When the corresponding GRA or GRB functions as an output
compare register, BRA or BRB can function as an output
compare buffer register: the BRA or BRB value is
automatically transferred to GRA or GRB at compare match
4
BRA4, BRB4
• When the corresponding GRA or GRB functions as an input
capture register, BRA or BRB can function as an input capture
buffer register: the GRA or GRB value is automatically
transferred to BRA or BRB at input capture
Bit
Initial value
Read/Write
14
1
R/W
12
1
R/W
10
1
R/W
8
1
R/W
6
1
R/W
0
1
R/W
4
1
R/W
2
1
R/W
15
1
R/W
13
1
R/W
11
1
R/W
9
1
R/W
7
1
R/W
1
1
R/W
5
1
R/W
3
1
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com