Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 239 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 239 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 235Page - Renesas Technology Corp H8/3021 Datasheet HTML 236Page - Renesas Technology Corp H8/3021 Datasheet HTML 237Page - Renesas Technology Corp H8/3021 Datasheet HTML 238Page - Renesas Technology Corp H8/3021 Datasheet HTML 239Page - Renesas Technology Corp H8/3021 Datasheet HTML 240Page - Renesas Technology Corp H8/3021 Datasheet HTML 241Page - Renesas Technology Corp H8/3021 Datasheet HTML 242Page - Renesas Technology Corp H8/3021 Datasheet HTML 243Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 239 / 712 page
background image
8. 16-Bit Integrated Timer Unit (ITU)
Rev.2.00 Mar. 22, 2007 Page 215 of 684
REJ09B0352-0200
Each TCR is an 8-bit readable/writable register that selects the timer counter clock source, selects
the edge or edges of external clock sources, and selects how the counter is cleared.
TCR is initialized to H'80 by a reset and in standby mode.
Bit 7—Reserved: This bit cannot be modified and is always read as 1.
Bits 6 and 5—Counter Clear 1/0 (CCLR1, CCLR0): These bits select how TCNT is cleared.
Bit 6
CCLR1
Bit 5
CCLR0
Description
0
0
TCNT is not cleared
(Initial value)
1
TCNT is cleared by GRA compare match or input capture*
1
1
0
TCNT is cleared by GRB compare match or input capture*
1
1
Synchronous clear: TCNT is cleared in synchronization
with other synchronized timers*
2
Notes: 1. TCNT is cleared by compare match when the general register functions as an output
compare match register, and by input capture when the general register functions as an
input capture register.
2. Selected in the timer synchro register (TSNC).
Bits 4 and 3—Clock Edge 1/0 (CKEG1, CKEG0): These bits select external clock input edges
when an external clock source is used.
Bit 4
CKEG1
Bit 3
CKEG0
Description
0
0
Count rising edges
(Initial value)
1
Count falling edges
1
—
Count both edges
When channel 2 is set to phase counting mode, bits CKEG1 and CKEG0 in TCR2 are ignored.
Phase counting takes precedence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com